Part Number Hot Search : 
1N4732CG MC9S0 BAS70 D74ALV AN1440 UPD70 UPG2009 75H60
Product Description
Full Text Search
 

To Download BF2030R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF2030...
Silicon N-Channel MOSFET Tetrode * For low noise, high gain controlled input stages up to 1GHz * Operating voltage 5V
Drain AGC HF Input G2 G1 R G1 VGG
HF Output + DC
GND
EHA07461
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Class 2 (2000V - 4000V) pin to pin Human Body Model
Type BF2030 BF2030R BF2030W
Maximum Ratings Parameter
Package SOT143 SOT143R SOT343 1= S 1= D 1= D 2=D 2=S 2=S
Pin Configuration 3=G2 3=G1 3=G1 4=G1 4=G2 4=G2 -
Marking NDs NDs ND
Symbol VDS ID IG1/2SM +VG1SE Ptot
Value 8 20 10 6 200 200
Unit V mA V mW
Drain-source voltage Continuous drain current Gate 1/ gate 2-source current Gate 1 (external biasing) Total power dissipation TS 76 C, BF2030, BF2030R TS 94 C, BF2030W Storage temperature Channel temperature
Tstg Tch
-55 ... 150 150
C
1
Apr-23-2004
BF2030...
Thermal Resistance Parameter Channel - soldering point 1) BF2030/ BF2030R BF2030W Symbol
Rthchs 370 280
Value
Unit K/W
Electrical Characteristics Parameter DC Characteristics Drain-source breakdown voltage ID = 20 A, VG1S = 0 , VG2S = 0 Gate1-source breakdown voltage +IG1S = 10 mA, V G2S = 0 , VDS = 0 Gate2-source breakdown voltage +IG2S = 10 mA, V G1S = 0 , VDS = 0 Gate1-source leakage current VG1S = 5 V, VG2S = 0 , VDS = 0 Gate2-source leakage current VG2S = 5 V, VG1S = 0 , VDS = 0 Drain current VDS = 5 V, VG1S = 0 , VG2S = 4 V Drain-source current VDS = 5 V, VG2S = 4 V, RG1 = 100 k Gate1-source pinch-off voltage VDS = 5 V, VG2S = 4 V, ID = 20 A Gate2-source pinch-off voltage VDS = 5 V, I D = 20 A
1For calculation of R thJA please refer to Application Note Thermal Resistance
Symbol min. V(BR)DS +V(BR)G1SS +V(BR)G2SS +IG1SS +IG2SS IDSS IDSX VG1S(p) VG2S(p) 10 6 6 0.3 0.3
Values typ. 12 0.5 0.6 max. 15 15 50 50 50 -
Unit
V
nA
A mA V
2
Apr-23-2004
BF2030...
Electrical Characteristics Parameter AC Characteristics Symbol min. (verified by random sampling) gfs Cg1ss 27 31 2.4 2.8 mS pF Forward transconductance VDS = 5 V, I D = 10 mA, VG2S = 4 V Gate1 input capacitance VDS = 5 V, I D = 10 mA, VG2S = 4 V, f = 1 MHz Output capacitance VDS = 5 V, I D = 10 mA, VG2S = 4 V, f = 1 MHz Power gain VDS = 5 V, I D = 10 mA, VG2S = 4 V, f = 800 MHz Noise figure VDS = 5 V, I D = 10 mA, VG2S = 4 V, f = 800 MHz Gain control range VDS = 5 V, V G2S = 4...0 V, f = 800 MHz G p 40 50 F 1.5 2.2 dB Gp 20 23 dB Cdss 1.3 Values typ. max. Unit
3
Apr-23-2004
BF2030...
Total power dissipation Ptot = (TS) BF2030, BF2030R Total power dissipation Ptot = (TS) BF2030W
220
mW
220
mA
180 160
180 160
P tot
140 120 100 80 60 40 20 0 0 15 30 45 60 75 90 105 120 C 150
P tot
140 120 100 80 60 40 20 0 0 15 30 45 60 75 90 105 120 C 150
TS
TS
Drain current ID = (IG1) VG2S = 4V
28 mA 24 22 20
Output characteristics ID = (V DS) VG2S = 4V VG1S = Parameter
20
mA 1.4V
16 14
1.3V
ID
ID
18 16 14 12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 A 100
12
1.2V
10 8 6 4 2 0 0
1V 1.1V
0.8V
1
2
3
4
5
6
7
8
V
10
IG1
VDS
4
Apr-23-2004
BF2030...
Gate 1 current IG1 = (V G1S) VDS = 5V VG2S = Parameter
210 A 180 165 150
3.5V 4V
Gate 1 forward transconductance g fs = (ID) VDS = 5V, VG2S = Parameter
40
mS 4V
30
3V
I G1
g fs
135 120 105 90 75 60 45 30 15 0 0 0.4 0.8 1.2 1.6 2 2.4
V 2V 2.5V 3V
25
2.5V
20
2V
15
10
5
3
0 0
4
8
12
16
20
24 mA
30
VDS
ID
Drain current ID = (VG1S) VDS = 5V VG2S = Parameter
30 mA
4V
Drain current ID = (V GG) VDS = 5V, VG2S = 4V, RG1 = 100k
(connected to VGG, V GG=gate1 supply voltage)
13 mA 11
24 22 20
3V
10 9
ID
ID
2V 1.5V V
18 16 14 12 10 8 6 4 2 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 2
8 7 6 5 4 3 2 1 0 0 0.5 1 1.5 2 2.5 3 3.5 4
V
5
VG1S
VGG
5
Apr-23-2004
BF2030...
Drain current ID = (VGG) VG2S = 4V RG1 = Parameter in k
28 mA
70
Crossmodulation Vunw = (AGC) VDS = 5 V
120
dBV
24 22 20
80
110
100 120
ID
18 16 14 12 10 8 6 4 2 0 0 1 2 3 4 5 6
V
V unw
105
100
95
90
85
8
80 0
10
20
30
40
dB
55
VGG=VDS
AGC
Cossmodulation test circuit
VAGC
VDS 4n7
R1 10 kOhm 4n7
2.2 H
4n7
RL 50 Ohm 4n7 RGEN 50 Ohm RG1
50 Ohm
VGG
6
Apr-23-2004


▲Up To Search▲   

 
Price & Availability of BF2030R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X